Part Number Hot Search : 
SZ110 1N5400G BZT52 C5750 HGL34B 00DT1 P6KE18G P6KE33A
Product Description
Full Text Search
 

To Download BD649-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bd645, bd647, bd649, bd651 npn silicon power darlingtons  
  1 may 1993 - revised september 2002 specifications are subject to change without notice. designed for complementary use with bd646, bd648, bd650 and bd652 62.5 w at 25c case temperature 8 a continuous collector current minimum h fe of 750 at 3 v, 3 a absolute maximum ratings at 25c case temperature (unless otherwise noted) notes: 1. this value applies for t p 0.3 ms, duty cycle 10%. 2. derate linearly to 150c case temperature at the rate of 0.4 w/c. 3. derate linearly to 150c free air temperature at the rate of 16 mw/c. 4. this rating is based on the capability of the transistor to operate safely in a circuit of: l = 20 mh, i b(on) = 5 ma, r be = 100 ? , v be(off) = 0, r s = 0.1 ? , v cc = 20 v. rating symbol value unit collector-base voltage (i e = 0) bd645 bd647 bd649 bd651 v cbo 80 100 120 140 v collector-emitter voltage (i b = 0) bd645 bd647 bd649 bd651 v ceo 60 80 100 120 v emitter-base voltage v ebo 5v continuous collector current i c 8a peak collector current (see note 1) i cm 12 a continuous base current i b 0.3 a continuous device dissipation at (or below) 25c case temperature (see note 2) p tot 62.5 w continuous device dissipation at (or below) 25c free air temperature (see note 3) p tot 2w unclamped inductive load energy (see note 4) ?li c 2 50 mj operating junction temperature range t j -65 to +150 c storage temperature range t stg -65 to +150 c lead temperature 3.2 mm from case for 10 seconds t l 260 c b c e to-220 package (top view) pin 2 is in electrical contact with the mounting base. mdtraca 1 2 3
bd645, bd647, bd649, bd651 npn silicon power darlingtons 2  
  may 1993 - revised september 2002 specifications are subject to change without notice. notes: 5. these parameters must be measured using pulse techniques, t p = 300 s, duty cycle 2%. 6. these parameters must be measured using voltage-sensing contacts, separate from the current carrying conta cts. electrical characteristics at 25c case temperature (unless otherwise noted) parameter test conditions min typ max unit v (br)ceo collector-emitter breakdown voltage i c = 30 ma i b = 0 (see note 5) bd645 bd647 bd649 bd651 60 80 100 120 v i ceo collector-emitter cut-off current v ce = 30 v v ce = 40 v v ce = 50 v v ce = 60 v i b =0 i b =0 i b =0 i b =0 bd645 bd647 bd649 bd651 0.5 0.5 0.5 0.5 ma i cbo collector cut-off current v cb = 60 v v cb = 80 v v cb = 100 v v cb = 120 v v cb = 40 v v cb = 50 v v cb = 60 v v cb = 70 v i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 i e =0 t c = 150c t c = 150c t c = 150c t c = 150c bd645 bd647 bd649 bd651 bd645 bd647 bd649 bd651 0.2 0.2 0.2 0.2 2.0 2.0 2.0 2.0 ma i ebo emitter cut-off current v eb = 5 v i c = 0 (see notes 5 and 6) 5 ma h fe forward current transfer ratio v ce = 3 v i c = 3 a (see notes 5 and 6) 750 v ce(sat) collector-emitter saturation voltage i b = 12 ma i b = 50 ma i c = 3a i c = 5a (see notes 5 and 6) 2 2.5 v v be(sat) base-emitter saturation voltage i b = 50 ma i c = 5 a (see notes 5 and 6) 3 v v be(on) base-emitter voltage v ce = 3 v i c = 3 a (see notes 5 and 6) 2.5 v thermal characteristics parameter min typ max unit r jc junction to case thermal resistance 2.0 c/w r ja junction to free air thermal resistance 62.5 c/w
bd645, bd647, bd649, bd651 npn silicon power darlingtons 3  
  may 1993 - revised september 2002 specifications are subject to change without notice. typical characteristics figure 1. figure 2. figure 3. typical dc current gain vs collector current i c - collector current - a 05 10 10 h fe - typical dc current gain 50000 100 1000 10000 tcs130ad t c = -40c t c = 25c t c = 100c v ce = 3 v t p = 300 s, duty cycle < 2% collector-emitter saturation voltage vs collector current i c - collector current - a 05 10 10 v ce(sat) - collector-emitter saturation voltage - v 05 10 15 20 tcs130ab t c = -40c t c = 25c t c = 100c t p = 300 s, duty cycle < 2% i b = i c / 100 base-emitter saturation voltage vs collector current i c - collector current - a 05 10 10 v be(sat) - base-emitter saturation voltage - v 05 10 15 20 25 30 tcs130ac t c = -40c t c = 25c t c = 100c i b = i c / 100 t p = 300 s, duty cycle < 2%
bd645, bd647, bd649, bd651 npn silicon power darlingtons 4  
  may 1993 - revised september 2002 specifications are subject to change without notice. maximum safe operating regions figure 4. thermal information figure 5. maximum forward-bias safe operating area v ce - collector-emitter voltage - v 10 10 100 1000 i c - collector current - a 0.01 01 10 10 sas130ac bd645 bd647 bd649 bd651 maximum power dissipation vs case temperature t c - case temperature - c 0 255075100125150 p tot - maximum power dissipation - w 0 10 20 30 40 50 60 70 80 tis130ac


▲Up To Search▲   

 
Price & Availability of BD649-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X